Part Number Hot Search : 
AT80C31 5KP14 400SR16B NTUD3169 T2202 SL523BCM 8L152C4 15BY25
Product Description
Full Text Search
 

To Download UMA1E470MCD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
MA
5mmL, Standard, For General Purposes
series
MT ML MV MF
Low Leakage Current
High Temperature
Standard series with 5mm height. Adapted to the RoHS directive (2002/95/EC).
Long Life
MA
Smaller
Low Impedance
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Rated Capacitance Tolerance Leakage Current tan
MJ
Performance Characteristics
- 40 ~ +85C 4 ~ 50V 0.1 ~ 470F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3(A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
4 0.35
Figures in ( 6.3 10 16 25 35 50 0.24 (0.30) 0.20 (0.24) 0.16 (0.20) 0.14 (0.18) 0.12 (0.16) 0.10 (0.13) MR series. Measurement frequency : 120Hz
) are for
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio
ZT / Z20 (MAX.)
Z- 40C / Z+20C
4 7 15
6.3 4 8
10 3 6
16 2 4
25 2 4
35 2 3
50 2 3
Endurance
After 2000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value (MR series & 3 product : Within 25%) 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above.
Printed with white color letter on black sleeve.
Radial Lead Type
Type numbering system (Example : 25V 10F)
f
Sleeve (P.E.T.)
D+0.5MAX
d
UMA 1 E 1 0 0 M D D
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12
2 Size code
(f3: P0.3 )
(mm)
L+1MAX
15MIN
4MIN
f
D 3 4 5 6.3 8 P 1.0 1.5 2.0 2.5 2.5 fd 0.4 0.45 0.45 0.45 0.45
* Please refer to page 21 about the end seal configulation.
1 Configuration Pb-free leadwire fD Pb-free PET sleeve 3 CD 4~8 DD
16 1C 25 1E
D Code 3 2 4~8 N Configuration 1 Capacitance tolerance ( 20%) Rated capacitance (10mF) Rated voltage (25V) Series name Type
f
f
2 In case at f 3 units, put 2 as size code.
35 1V 50 1H 4 x 5(3 x 5) 1.0(1.0) 4 x 5(3 x 5) 2.0(2.0) 4 x 5(3 x 5) 2.8(2.8) 4 x 5(3 x 5) 4.0(4.0) 4 x 5(3 x 5) 8.4(8.0) 8.4 0.4 x 5 13(10) 0.4 x 5 15(10) 17 18 0.5 x 5 20 29 6.3 x 5 33 46 0.8 x 5 52(48) 0.8 x 5 62(52) 71 80
Dimensions
Cap.(F) V Code
4 0G
6.3 0J
10 1A
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471
0.3 x 5 0.4 x 5 0.4 x 5 0.5 x 5 6.3 x 5 0.8 x 5 0.8 x 5
19 28 33 56 96 145 185
0.3 x 5 0.4 x 5 0.5 x 5 0.5 x 5 6.3 x 5 0.8 x 5 0.8 x 5
15 28(21) 37 45 70(68) 110(90) 170
0.5 x 5 0.5 x 5 6.3 x 5 0.8 x 5 0.8 x 5
33 41 52(43) 80(76) 135
0.3 x 5 0.4 x 5 0.5 x 5 6.3 x 5 6.3 x 5 0.8 x 5
10 23(18) 37 49(43) 58 92(86)
0.3 x 5 0.4 x 5 0.5 x 5 6.3 x 5 6.3 x 5 0.8 x 5 0.8 x 5
10 16(12) 27 42 52 70(62) 110
0.3 x 5 0.4 x 5 0.4 x 5 0.5 x 5 6.3 x 5 0.8 x 5 0.8 x 5
Case size D x L (mm)
(
Rated ripple
Size 3 x 5 is available for capacitors marked. " "/ Size 5 x 5 is available for capacitors marked. " " Size 6.3 x 5 is available for capacitors marked. " " In such a case, M R will be put at 2nd and 3rd digit of type numbering system.
Rated Ripple (mArms) at 85C 120Hz
) = 3 units and MR series.
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UMA1E470MCD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X